|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
version 1.0 01/99 ______________________________________________________________________________________________________ TFS244.DOC VI TELEFILTER Filter specification TFS 244 1/4 ______________________________________________________________________________________________________ Measurement condition Ambient temperature: Input power level: Source impedance: Load impedance: Ext.coil: 23 C 0 dBm 340 || -5 pF 340 || -5 pF 116 nH Construction and pin connection see page 2 Characteristics Remark: Reference level for the relative attenuation arel of the TFS 244 is the minimum of the pass band attenuation amin. The minimum of the pass band attenuation amin is defined as the insertion loss ae. The centre frequency fo is the arithmetic mean value of the upper and lower frequencies at the 3 dB filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed on 244 MHz without tolerance. The given values for the relative attenuation arel and for the group delay ripple have to be reached at the frequencies given below also if the centre frequency fo is shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fo. Preliminary Data ______________________________________________________________________________________________________ 6 dB max 8 dB ae = amin Insertion loss (Reference level) ______________________________________________________________________________________________________ 244 MHz fN Norminal frequency ______________________________________________________________________________________________________ Relative attenuation 244 MHz 80 kHz arel typ. value tolerance / limit - max 3 dB 244 MHz 200 kHz ... 244 MHz 400 kHz 12 dB min 2 dB 244 MHz 400 kHz ... 244 MHz 600 kHz 34 dB min 25 dB 244 MHz 600 kHz ... 244 MHz 1,6 MHz 40 dB min 35 dB 244 MHz 1,6 MHz ... 244 MHz 3 MHz 50 dB min 45 dB 244 MHz + 3 MHz ... 244 MHz + 25 Mhz >50 dB min 50 dB ______________________________________________________________________________________________________ 3,6 s GD Group delay distortion 244 MHz 50 kHz 1 s max 1,2 s ______________________________________________________________________________________________________ Operating temperature range - 40 C ... + 85 C ______________________________________________________________________________________________________ ca. - 0,036 ppm/K Temperature coefficient of frequency TC ______________________________________________________________________________________________________ Frequency inversion temperature + 25C ______________________________________________________________________________________________________ Generated: Checked / approved: ______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. version 1.0 01/99 ______________________________________________________________________________________________________ TFS244.DOC VI TELEFILTER Filter specification TFS 244 2/4 ______________________________________________________________________________________________________ Construction and pin connection TFS 244 tft G1 1 10 9 8 50 test circuit 2 3 4 5 7 6 1 2 3 4 5 Output Ground Ext.coil Ground Ground 6 Input 7 Ground 8 Ground 9 Ground 10 Ground L1 6 1 L3 SAW L2 L4 3 L5 2,4,5,7,8,9,10 ______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. version 1.0 01/99 ______________________________________________________________________________________________________ TFS244.DOC VI TELEFILTER Filter specification TFS 244 3/4 ______________________________________________________________________________________________________ Stability characteristics After the following tests the filter shall meet the whole specification: 1. Shock: 30g, 18 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 10 Hz to 150 Hz, 0.35 mm amplitude, 5g; 2 hours for 3 planes; DIN IEC 68 T2 - 6 90 % to 95 % rel. humidity, 40 C, 10 days; IEC Pub. 68 - 2 - 3 2. Vibration: 3. Damp heat: 4. Resistance to solder heat (Reflow): 260 C for 10 sec; Packing Tape & Reel: DIN IEC 286 - 3, with exception of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: 2300 Tape (all dimensions in mm) W Po Do D1 E F : : : : : : 16 4 0,3 0,1 Do Po P2 EMBOSSED CARRIER TAPE 1,5 + 0,5 1,5 + 0,5 1,75 0,1 7,5 0,1 0,75 2 0,1 12 1,5 7,6 9,6 0,1 P1 E Ao F W D1 13,4 0,1 G (min) : P2 : P1 : D1(min) : Ao Bo : : Bo G 0,1 0,1 COVER TAPE W2 Reel (all dimensions in mm): A W1 W2 (max) : N (min) C : : : : 330 16,4 +2 22,4 >= 90 C A N 13 0,25 W1 The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape. The marking of the filters is able to read if the view is directed on the upper side of the carrier tape with the sprocket holes on the right side of the tape. ______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. version 1.0 01/99 ______________________________________________________________________________________________________ TFS244.DOC VI TELEFILTER Filter specification TFS 244 4/4 ______________________________________________________________________________________________________ Air reflow temperature conditions 1st and 2nd air reflow profile Name: Temperature: Time: pre-heating periods 150 C - 170 C 60 sec. - 90 sec. main-heating periods over 200 C 20 sec. - 25 sec. peak temperature 255 C 5 C Chip-mount air reflow profile 260 240 220 200 180 temperature / C 160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 time / sec. 140 160 180 200 220 240 Table for temperature vs. time during the air reflow process Tolerance of temperatures: 5 C time / sec. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 temperature / C 23 34 46 60 80 103 121 134 143 150 154 156 158 159 time / sec. 140 150 160 170 180 190 195 200 205 210 215 220 230 240 temperature / C 160 161 164 170 180 205 230 255 230 205 180 165 140 120 ______________________________________________________________________________________________________ VI TELEFILTER Vectron International, Inc. Potsdamer Strae 18 267 Lowell Road D 14 513 TELTOW / Germany Hudson, NH 03051 / USA Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30 Tel: (603) 598-0070 Fax: (603) 598-0075 E-Mail: tft@telefilter.com E-Mail: vti@vtinh.com VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. |
Price & Availability of TFS244 |